Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTGD3147F Datasheet (PDF) - ON Semiconductor

Part # NTGD3147F
Description  Power MOSFET and Schottky Diode??0 V, ??.5 A, P?묬hannel with Schottky Barrier Diode, TSOP??
File Size   115.55 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGD3147F Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTGD3147F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
NTGD3148NT1G ONSEMI-NTGD3148NT1G Datasheet
82Kb / 5P
Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
logo
VBsemi Electronics Co.,...
NTGD3148NT1G VBSEMI-NTGD3148NT1G Datasheet
1Mb / 9P
Dual N-Channel 20 V (D-S) MOSFET
logo
ON Semiconductor
NTGD3149C ONSEMI-NTGD3149C Datasheet
126Kb / 8P
Power MOSFET Complementary, 20 V, 3.5/??.7 A, TSOP?? Dual
May, 2008 ??Rev. 0
NTGD3149CT1G ONSEMI-NTGD3149CT1G Datasheet
126Kb / 8P
Power MOSFET Complementary, 20 V, 3.5/??.7 A, TSOP?? Dual
May, 2008 ??Rev. 0
More results


Similar Description - NTGD3147F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGD3133P ONSEMI-NTGD3133P Datasheet
67Kb / 5P
Power MOSFET ??0 V, ??.5 A, P?묬hannel, TSOP?? Dual
July, 2006 ??Rev. 0
NTLJF3117P ONSEMI-NTLJF3117P Datasheet
91Kb / 8P
Power MOSFET and Schottky Diode ??0 V, ??.1 A, P?묬hannel, with 2.0 A Schottky Barrier Diode, 2x2 mm, uCool Package
July, 2006 ??Rev. 2
NTGS1135P ONSEMI-NTGS1135P Datasheet
110Kb / 5P
Power MOSFET ?? V, ??.8 A, Single P?묬hannel, TSOP??
October, 2008 ??Rev. 0
NTHD3133PF ONSEMI-NTHD3133PF Datasheet
97Kb / 7P
Power MOSFET and Schottky Diode -20 V, FETKY, P-Channel, -4.4 A, with 3.7 A Schottky Barrier Diode, ChipFET?
October, 2007 - Rev. 0
NTLJD3182FZ ONSEMI-NTLJD3182FZ Datasheet
134Kb / 8P
Power MOSFET and Schottky Diode ??0 V, ??.0 A, 關Cool??Single P?묬hannel & Schottky Barrier Diode, ESD
December, 2008 ??Rev. 0
NTMD4184PF ONSEMI-NTMD4184PF Datasheet
103Kb / 7P
Power MOSFET and Schottky Diode -30 V, -4.0 A, Single P-Channel with 20 V, 2.2 A, Schottky Barrier Diode
March, 2008 - Rev. 0
NTGD4169F ONSEMI-NTGD4169F Datasheet
136Kb / 7P
Power MOSFET and Schottky Diode 30 V, 2.9 A, N?묬hannel with Schottky Barrier Diode, TSOP??
May, 2008 ??Rev. 1
NTGS5120P ONSEMI-NTGS5120P Datasheet
112Kb / 5P
Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0
NTLGF3402P ONSEMI-NTLGF3402P Datasheet
91Kb / 8P
Power MOSFET and Schottky Diode ??0 V, ??.9 A FETKY, P?묬hannel, 2.0 A Schottky Barrier Diode, DFN6
March, 2006 ??Rev. 1
logo
Zibo Seno Electronic En...
MBR740 ZSELEC-MBR740 Datasheet
186Kb / 2P
7 .0 A SCHOTTKY BARRIER DIODE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com