Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTGD3147F Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTGD3147F
Description  Power MOSFET and Schottky Diode??0 V, ??.5 A, P?묬hannel with Schottky Barrier Diode, TSOP??
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGD3147F Datasheet(HTML) 3 Page - ON Semiconductor

  NTGD3147F Datasheet HTML 1Page - ON Semiconductor NTGD3147F Datasheet HTML 2Page - ON Semiconductor NTGD3147F Datasheet HTML 3Page - ON Semiconductor NTGD3147F Datasheet HTML 4Page - ON Semiconductor NTGD3147F Datasheet HTML 5Page - ON Semiconductor NTGD3147F Datasheet HTML 6Page - ON Semiconductor NTGD3147F Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTGD3147F
http://onsemi.com
3
SCHOTTKY DIODE ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Instantaneous
Forward Voltage
VF
IF = 0.5 A
0.32
0.4
V
IF = 1.0 A
0.36
0.45
Maximum Instantaneous
Reverse Current
IR
VR = 10 V
0.04
1.0
mA
VR = 20 V
0.21
5.0
SCHOTTKY DIODE ELECTRICAL CHARACTERISTICS (TJ = 75°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Instantaneous
Forward Voltage
VF
IF = 0.5 A
0.27
V
IF = 1.0 A
0.31
Maximum Instantaneous
Reverse Current
IR
VR = 10 V
0.77
mA
VR = 20 V
2.65
SCHOTTKY DIODE ELECTRICAL CHARACTERISTICS (TJ = 125°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Instantaneous
Forward Voltage
VF
IF = 0.5 A
0.22
V
IF = 1.0 A
0.27
Maximum Instantaneous
Reverse Current
IR
VR = 10 V
8.75
mA
VR = 20 V
37.37



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com