Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85070E Datasheet (PDF) - Agilent(Hewlett-Packard)

Part # 85070E
Description  Dielectric Probe Kit 200 MHz to 50 GHz
File Size   768.72 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

85070E Datasheet (PDF) - Agilent(Hewlett-Packard)



Similar Part No. - 85070E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
85070 ETC2-85070 Datasheet
308Kb / 1P
LTCC High Temperature Inductors 0.2x0.2 inch (5x5 mm)
logo
Molex Electronics Ltd.
85070-0500 MOLEX9-85070-0500 Datasheet
384Kb / 2P
4.00mm (0.157) SRC Heavy Duty Plug Housing, 84 Way, Nylon, Black
logo
Huber+Suhner, Inc.
85070046 HUBERSUHNER-85070046 Datasheet
13Mb / 2P
MICROWAVE TEST ASSEMBLIES, 3.5mm (female PORT), 3.5mm (male DUT), 50 Ohm, 26.5 GHz, 38in
85070047 HUBERSUHNER-85070047 Datasheet
13Mb / 2P
MICROWAVE TEST ASSEMBLIES, 3.5mm (female PORT), 3.5mm (male DUT), 50 Ohm, 26.5 GHz, 48in
85070105 HUBERSUHNER-85070105 Datasheet
165Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
More results


Similar Description - 85070E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NB4N507A ETC-NB4N507A Datasheet
131Kb / 7P
3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
logo
Nel Frequency Controls,...
S3-AA22X NEL-S3-AA22X Datasheet
381Kb / 2P
Frequency Range: 200 MHz to 1.7 GHz
logo
ON Semiconductor
NB4N507A ONSEMI-NB4N507A_06 Datasheet
124Kb / 7P
3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
November, 2006 ??Rev. 2
logo
Mini-Circuits
ADC-6-1R MINI-ADC-6-1R Datasheet
255Kb / 1P
Directional Coupler 50廓 5 to 200 MHz
logo
Analog Devices
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
logo
Texas Instruments
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417 TI1-TRF370417 Datasheet
1Mb / 34P
50-MHz to 6-GHz Quadrature Modulator
logo
ON Semiconductor
NB4N507A ONSEMI-NB4N507A_09 Datasheet
134Kb / 8P
3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
September, 2007 - Rev. 3
logo
M/A-COM Technology Solu...
MA4SWX10 MA-COM-MA4SWX10 Datasheet
950Kb / 9P
Specified from 50 MHz to 20 GHz
logo
TXC Corporation.
DR-SERIES TXC-DR-SERIES Datasheet
948Kb / 1P
CMOS output, output frequencies 50 MHz to 200 MHz.
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com