Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SWX10 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MA4SWX10 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MA4SWX10
Download  MA4SWX10 Download
File Size   950.9 Kbytes
Page   9 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Specified from 50 MHz to 20 GHz

MA4SWX10 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4SWX10 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MA4SWX10
Download  MA4SWX10 Click to download

File Size   950.9 Kbytes
Page   9 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Specified from 50 MHz to 20 GHz

MA4SWX10 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MA4SWX10 Product details

Description
The MA4SW110 (SPST), MA4SW210 (SPDT) and MA4SW310 (SP3T) are series-shunt, broadband, PIN diode switches made with MACOM’s HMICTM (Heterolithic Microwave Integrated Circuit) process. This process allows the silicon pedestals which form the series - shunt diodes and vias to be embedded into low loss, low dispersion glass. By also incorporating small spacing between circuit elements, the result is an HMIC chip with low insertion loss and high isolation at frequencies up to 26.5 GHz.

Features
• Broad Bandwidth
• Specified from 50 MHz to 20 GHz
• Usable from 50 MHz to 26.5 GHz
• Lower Insertion Loss / Higher Isolation
• Fully Monolithic, Glass Encapsulated Chip
• Up to +33 dBm CW Power Handling @ +25°C
• RoHS* Compliant




Similar Part No. - MA4SWX10

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SWX10B-1 MA-COM-MA4SWX10B-1 Datasheet
705Kb / 7P
Broad Bandwidth Specified 2 - 18 GHz
More results


Similar Description - MA4SWX10

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX60-8008E MINI-ZX60-8008E Datasheet
94Kb / 2P
Connectorized Amplifier 50 Ohm, 20 MHz to 8 GHz
ZX60-4016E MINI-ZX60-4016E Datasheet
255Kb / 2P
Connectorized Amplifier 50廓, 20 MHz to 4 GHz
logo
Pasternack Enterprises,...
PE8237 PASTERNACK-PE8237 Datasheet
203Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8239 PASTERNACK-PE8239 Datasheet
203Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE7166 PASTERNACK-PE7166 Datasheet
279Kb / 3P
50 Ohm SMA SP3T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7172 PASTERNACK-PE7172 Datasheet
276Kb / 3P
50 Ohm 2.92mm SP4T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE2241-20 PASTERNACK-PE2241-20 Datasheet
248Kb / 3P
Directional 20 dB SMA Coupler From 800 MHz to 2.5 GHz Rated To 50 Watts
PE2242-20 PASTERNACK-PE2242-20 Datasheet
319Kb / 2P
Directional 20 dB SMA Coupler From 500 MHz to 3 GHz Rated To 50 Watts
PE8238 PASTERNACK-PE8238 Datasheet
229Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE2CP1025-20 PASTERNACK-PE2CP1025-20 Datasheet
418Kb / 6P
Directional 20 dB SMA Coupler From 800 MHz to 2.5 GHz Rated to 50 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com