Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SWX10 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SWX10
Description  Specified from 50 MHz to 20 GHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SWX10 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4SWX10 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SWX10 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SWX10 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SWX10 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SWX10 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SWX10 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SWX10 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SWX10 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4SWX10 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HMIC™ Silicon PIN Diode Switches
Rev. V11
MA4SWx10 Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Broad Bandwidth
 Specified from 50 MHz to 20 GHz
 Usable from 50 MHz to 26.5 GHz
 Lower Insertion Loss / Higher Isolation
 Fully Monolithic, Glass Encapsulated Chip
 Up to +33 dBm CW Power Handling @ +25°C
 RoHS* Compliant
Description
The MA4SW110 (SPST), MA4SW210 (SPDT) and
MA4SW310 (SP3T) are series-shunt, broadband,
PIN diode switches made with MACOM’s HMICTM
(Heterolithic Microwave Integrated Circuit) process.
This process allows the silicon pedestals which form
the series - shunt diodes and vias to be embedded
into low loss, low dispersion glass. By also
incorporating
small
spacing
between
circuit
elements, the result is an HMIC chip with low
insertion loss and high isolation at frequencies up to
26.5 GHz.
They are designed for use as moderate power, high
performance
switches
and
provide
superior
performance when compared to similar designs that
use discrete components.
The top side of the chip is protected by a polymer
coating for manual or automatic handling and large
gold bond pads help facilitate connection of low
inductance ribbons. The gold metallization on the
backside of the chip allows for attachment via 80/20,
gold/tin solder or conductive silver epoxy.
Ordering Information
Part Number
Package
MA4SW110
Gel Pack
MA4SW210
Gel Pack
MA4SW310
Gel Pack
*Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
J1
J2
J2
J3
J1
J2
J4
J1
J3
MA4SW110 (SPST)
Functional Diagrams
MA4SW210 (SPDT)
MA4SW310 (SP3T)


Similar Part No. - MA4SWX10

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SWX10B-1 MA-COM-MA4SWX10B-1 Datasheet
705Kb / 7P
Broad Bandwidth Specified 2 - 18 GHz
More results

Similar Description - MA4SWX10

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX60-8008E MINI-ZX60-8008E Datasheet
94Kb / 2P
Connectorized Amplifier 50 Ohm, 20 MHz to 8 GHz
ZX60-4016E MINI-ZX60-4016E Datasheet
255Kb / 2P
Connectorized Amplifier 50廓, 20 MHz to 4 GHz
logo
Pasternack Enterprises,...
PE8237 PASTERNACK-PE8237 Datasheet
203Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8239 PASTERNACK-PE8239 Datasheet
203Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE7166 PASTERNACK-PE7166 Datasheet
279Kb / 3P
50 Ohm SMA SP3T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7172 PASTERNACK-PE7172 Datasheet
276Kb / 3P
50 Ohm 2.92mm SP4T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE2241-20 PASTERNACK-PE2241-20 Datasheet
248Kb / 3P
Directional 20 dB SMA Coupler From 800 MHz to 2.5 GHz Rated To 50 Watts
PE2242-20 PASTERNACK-PE2242-20 Datasheet
319Kb / 2P
Directional 20 dB SMA Coupler From 500 MHz to 3 GHz Rated To 50 Watts
PE8238 PASTERNACK-PE8238 Datasheet
229Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE2CP1025-20 PASTERNACK-PE2CP1025-20 Datasheet
418Kb / 6P
Directional 20 dB SMA Coupler From 800 MHz to 2.5 GHz Rated to 50 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com