Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SWX10 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SWX10
Description  Specified from 50 MHz to 20 GHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SWX10 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA4SWX10 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SWX10 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SWX10 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SWX10 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SWX10 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SWX10 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SWX10 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SWX10 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4SWX10 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HMIC™ Silicon PIN Diode Switches
Rev. V11
MA4SWx10 Series
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Typical Performance Curves @ TA = +25°C, 20 mA Bias Current
Return Loss vs. Frequency
Return Loss vs. Frequency
Return Loss vs. Frequency
Insertion Loss vs. Frequency
Insertion Loss vs. Frequency
Insertion Loss vs. Frequency
MA4SW110
MA4SW210
MA4SW310
-35
-30
-25
-20
-15
-10
0
5
10
15
20
25
30
Input Return Loss
Output Return Loss
Frequency (GHz)
-35
-30
-25
-20
-15
-10
0
5
10
15
20
25
30
Input Return Loss
Output Return Loss
Frequency (GHz)
-35
-30
-25
-20
-15
-10
0
5
10
15
20
25
30
Input Return Loss
Output Return Loss
Frequency (GHz)
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
5
10
15
20
25
30
Frequency (GHz)
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
5
10
15
20
25
30
Frequency (GHz)
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
5
10
15
20
25
30
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com