Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1057-BD Datasheet (PDF) - Mimix Broadband

Part # XP1057-BD
Description  13.5-16.0 GHz GaAs MMIC Power Amplifier
File Size   1437.77 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1057-BD Datasheet (PDF) - Mimix Broadband



Similar Part No. - XP1057-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1050-QJ MIMIX-XP1050-QJ Datasheet
629Kb / 10P
7.0-9.0 GHz Linear Power Amplifier 6x6mm QFN
XP1050-QJ MIMIX-XP1050-QJ Datasheet
1Mb / 10P
177.0-9.0 GHz Linear Power Amplifier
logo
M/A-COM Technology Solu...
XP1050-QJ MA-COM-XP1050-QJ Datasheet
191Kb / 7P
2.5 W Power Amplifier
logo
Mimix Broadband
XP1050-QJ-0G00 MIMIX-XP1050-QJ-0G00 Datasheet
629Kb / 10P
7.0-9.0 GHz Linear Power Amplifier 6x6mm QFN
logo
M/A-COM Technology Solu...
XP1050-QJ-0G00 MA-COM-XP1050-QJ-0G00 Datasheet
820Kb / 8P
Lead-Free 6 mm 24-lead QFN Package
More results


Similar Description - XP1057-BD

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441LP3 HITTITE-HMC441LP3 Datasheet
255Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.5 - 13.5 GHz
logo
Mimix Broadband
XB1004 MIMIX-XB1004 Datasheet
450Kb / 10P
16.0-30.0 GHz GaAs MMIC Buffer Amplifier
logo
Hittite Microwave Corpo...
HMC564 HITTITE-HMC564 Datasheet
296Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz
logo
Mimix Broadband
XP1008 MIMIX-XP1008 Datasheet
160Kb / 6P
11.0-16.0 GHz GaAs MMIC Power Amplifier
XB1004-BD MIMIX-XB1004-BD Datasheet
290Kb / 10P
16.0-30.0 GHz GaAs MMIC Buffer Amplifier
XP1058-BD MIMIX-XP1058-BD Datasheet
1Mb / 12P
14.5-16.0 GHz GaAs MMIC Power Amplifier
XP1042-BD MIMIX-XP1042-BD Datasheet
393Kb / 1P
12.0-16.0 GHz GaAs MMIC
logo
Hittite Microwave Corpo...
HMC441LP3 HITTITE-HMC441LP3_09 Datasheet
226Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.5 - 13.5 GHz
HMC564 HITTITE-HMC564_09 Datasheet
235Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz
logo
M/A-COM Technology Solu...
XP1042-BD MA-COM-XP1042-BD Datasheet
345Kb / 1P
12.0-16.0 GHz GaAs MMIC
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com