Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD4008 Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # PD4008
Description  DIODE 400A Avg 800 Volts
File Size   210.35 Kbytes
Html View  1   2 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD4008 Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - PD4008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD40016 NIEC-PD40016 Datasheet
269Kb / 2P
DIODE 400A Avg 1600 Volts
PD400N16 NIEC-PD400N16 Datasheet
301Kb / 2P
400竊?Avg 1600 竊턮lts
logo
National Instruments Co...
PD400N16 NI-PD400N16_15 Datasheet
301Kb / 2P
DIODE
logo
Nihon Inter Electronics...
PD400N8 NIEC-PD400N8 Datasheet
364Kb / 2P
400竊?Avg 800 竊턮lts
logo
National Instruments Co...
PD400N8 NI-PD400N8_15 Datasheet
364Kb / 2P
DIODE
More results


Similar Description - PD4008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCH4008 NIEC-PCH4008 Datasheet
246Kb / 4P
THYRISTOR 400A AVG 800 VOLTS
PC40016 NIEC-PC40016 Datasheet
269Kb / 2P
DIODE 400A Avg 1600 Volts
PD60KN8 NIEC-PD60KN8 Datasheet
149Kb / 2P
DIODE 60A Avg 800 Volts
PD100KN8 NIEC-PD100KN8 Datasheet
154Kb / 2P
DIODE 100A Avg 800 Volts
PH400N8 NIEC-PH400N8 Datasheet
351Kb / 2P
DIODE 400A Avg 800 Volts
PH400N16 NIEC-PH400N16 Datasheet
287Kb / 2P
DIODE 400A Avg 1600 Volts
PH4008 NIEC-PH4008 Datasheet
153Kb / 2P
DIODE 400A Avg 800 Volts
PH40016 NIEC-PH40016 Datasheet
266Kb / 2P
DIODE 400A Avg 1600 Volts
PDT4008 NIEC-PDT4008_1 Datasheet
251Kb / 4P
400A Avg 800 Volts
PHT4008 NIEC-PHT4008_1 Datasheet
243Kb / 4P
400A Avg 800 Volts
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com