Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT608C Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # PHT608C
Description  THYRISTOR 60A Avg 800 Volts
File Size   26.62 Kbytes
Html View  1 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHT608C Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - PHT608C

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
PHT608C KSS-PHT608C Datasheet
122Kb / 1P
Thyristor
logo
National Instruments Co...
PHT608C NI-PHT608C_15 Datasheet
26Kb / 1P
THYRISTOR
More results


Similar Description - PHT608C

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT308 NIEC-PDT308 Datasheet
241Kb / 4P
THYRISTOR MODULE 30A Avg 800 Volts
PCH4008 NIEC-PCH4008 Datasheet
246Kb / 4P
THYRISTOR 400A AVG 800 VOLTS
PD60KN8 NIEC-PD60KN8 Datasheet
149Kb / 2P
DIODE 60A Avg 800 Volts
PC608 NIEC-PC608_1 Datasheet
153Kb / 2P
60A Avg 800 Volts
PDT608 NIEC-PDT608_1 Datasheet
245Kb / 4P
60A Avg 800 Volts
PE608N NIEC-PE608N_1 Datasheet
153Kb / 2P
60A Avg 800 Volts
logo
National Instruments Co...
P2H60F2 NI-P2H60F2_15 Datasheet
208Kb / 2P
60A Avg 200 Volts
P2H60F6 NI-P2H60F6_15 Datasheet
207Kb / 2P
60A Avg 600 Volts
PC60QL03N NI-PC60QL03N_15 Datasheet
168Kb / 2P
60A Avg 30 Volts
PC608 NI-PC608_15 Datasheet
153Kb / 2P
60A Avg 800 Volts
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com