Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC0261A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0261A
Description  SAW Resonator 433.32 MHz SMD 5.0X5.0 mm
File Size   383.44 Kbytes
Html View  1   2   3   4   5 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0261A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TC0261A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0260A TAI-SAW-TC0260A Datasheet
345Kb / 5P
SAW Resonator 314.525 MHz SMD5.0X5.0 mm
TC0263A TAI-SAW-TC0263A Datasheet
383Kb / 5P
SAW Resonator 434.52 MHz SMD 5.0X5.0 mm
TC0264A TAI-SAW-TC0264A Datasheet
278Kb / 5P
SAW Resonator 644.60859 MHz SMD 3.8X3.8 mm
TC0265A TAI-SAW-TC0265A Datasheet
358Kb / 5P
SAW Resonator 657.4876 MHz SMD 3.8X3.8 mm
TC0266A TAI-SAW-TC0266A Datasheet
278Kb / 5P
SAW Resonator 690.65026 MHz SMD 3.8X3.8 mm
More results


Similar Description - TC0261A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0555A TAI-SAW-TA0555A Datasheet
409Kb / 7P
SAW Filter 480 MHz SMD 5.0X5.0 mm
TC0263A TAI-SAW-TC0263A Datasheet
383Kb / 5P
SAW Resonator 434.52 MHz SMD 5.0X5.0 mm
TE0109A TAI-SAW-TE0109A Datasheet
218Kb / 5P
Dual SAW Resonator 390/315 MHz SMD 5.0X5.0 mm
TB0448A TAI-SAW-TB0448A Datasheet
279Kb / 7P
SAW Filter 400 MHz SMD 5.0X5.0 mm
TC0144A TAI-SAW-TC0144A Datasheet
347Kb / 5P
SAW Resonator 868.35 MHz SMD 5X5 mm
TC0185A TAI-SAW-TC0185A Datasheet
289Kb / 4P
SAW Resonator 745.795 MHz SMD 3.8X3.8 mm
TC0187A TAI-SAW-TC0187A Datasheet
285Kb / 5P
SAW Resonator 772.420 MHz SMD 3.8X3.8 mm
TC0196A TAI-SAW-TC0196A Datasheet
349Kb / 4P
SAW Resonator 868.35 MHz SMD 5X5 mm
TC433G2-A TAI-SAW-TC433G2-A Datasheet
190Kb / 3P
SAW Resonator 433.32 MHz
TE0161A TAI-SAW-TE0161A Datasheet
404Kb / 10P
SAW Dual SAW 370/390 MHz (BW 20 MHz) SMD 5.0X5.0 mm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com