Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-F2P Datasheet (PDF) - fujitsu semiconductor

Part # FTR-F2P
Description  1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
File Size   597.73 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FTR-F2P Datasheet (PDF) - fujitsu semiconductor



Similar Part No. - FTR-F2P

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
logo
FCL COMPONENTS LIMITED
FTR-F2 FCL-FTR-F2 Datasheet
1Mb / 7P
POWER RELAY 1 POLE – 5A Relay Type
logo
fujitsu semiconductor
FTR-F2AA005T FUJITSU-FTR-F2AA005T Datasheet
607Kb / 8P
POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2AA006T FUJITSU-FTR-F2AA006T Datasheet
607Kb / 8P
POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2AA009T FUJITSU-FTR-F2AA009T Datasheet
607Kb / 8P
POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
More results


Similar Description - FTR-F2P

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
FTR-H3 FUJITSU-FTR-H3_07 Datasheet
451Kb / 7P
SILENT POWER RELAY 1 POLE- 78A/120A INRUSH CURRENT TYPE
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
POWER RELAY 1 POLE - 16A / Inrush 120A relay
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
FTR-H3 FUJITSU-FTR-H3_10 Datasheet
664Kb / 7P
SILENT POWER RELAY 1 POLE - 78A/120A Inrush Current Type
NY24W-K FUJITSU-NY24W-K Datasheet
117Kb / 5P
POWER RELAY 1 POLE—5 A (CADMIUM FREE CONTACTS TYPE)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com