Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE30JPT Datasheet (PDF) - Gulf Semiconductor

Part # FE30JPT
Description  Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:30.0A
File Size   111.67 Kbytes
Html View  1   2 
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

FE30JPT Datasheet (PDF) - Gulf Semiconductor



Similar Part No. - FE30JPT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FE30-005 FRONTIER-FE30-005 Datasheet
129Kb / 2P
3A FAST EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
FE30-005 NJSEMI-FE30-005 Datasheet
103Kb / 1P
3A FAST EFFICIENT RECTIFIER
logo
Frontier Electronics.
FE30-005-LFR FRONTIER-FE30-005-LFR Datasheet
129Kb / 2P
3A FAST EFFICIENT RECTIFIER
FE30-01 FRONTIER-FE30-01 Datasheet
129Kb / 2P
3A FAST EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
FE30-01 NJSEMI-FE30-01 Datasheet
103Kb / 1P
3A FAST EFFICIENT RECTIFIER
More results


Similar Description - FE30JPT

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
C10TJ GULFSEMI-C10TJ Datasheet
143Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
FERP30D GULFSEMI-FERP30D Datasheet
93Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 200V CURRENT:30.0A
FESP10J GULFSEMI-FESP10J Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
FMG-04J GULFSEMI-FMG-04J Datasheet
79Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT: 4.0A
RESA08J GULFSEMI-RESA08J Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
UESA10J GULFSEMI-UESA10J Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UESP10J GULFSEMI-UESP10J Datasheet
82Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UGSA10J GULFSEMI-UGSA10J Datasheet
106Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UGSA12J GULFSEMI-UGSA12J Datasheet
92Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:12.0A
UGSP04J GULFSEMI-UGSP04J Datasheet
75Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com