Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGSP04J Datasheet (PDF) - Gulf Semiconductor

UGSP04J Datasheet PDF - Gulf Semiconductor
Part # UGSP04J
Download  UGSP04J Download
File Size   75.12 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A

UGSP04J Datasheet (PDF)

Go To PDF Page Download Datasheet
UGSP04J Datasheet PDF - Gulf Semiconductor

Part # UGSP04J
Download  UGSP04J Click to download

File Size   75.12 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A

UGSP04J Datasheet (HTML) - Gulf Semiconductor




Similar Part No. - UGSP04J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UGSP03J GULFSEMI-UGSP03J Datasheet
111Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE竊?00V CURRENT竊?.0A
UGSP05D GULFSEMI-UGSP05D Datasheet
68Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A
UGSP05F GULFSEMI-UGSP05F Datasheet
74Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 300V CURRENT:5.0A
UGSP05G GULFSEMI-UGSP05G Datasheet
88Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 400V CURRENT:5.0A
UGSP05J GULFSEMI-UGSP05J Datasheet
115Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT:5.0A
More results


Similar Description - UGSP04J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
C10TJ GULFSEMI-C10TJ Datasheet
143Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
FERA10D GULFSEMI-FERA10D Datasheet
89Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:10.0A
FESP10J GULFSEMI-FESP10J Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UERA10B GULFSEMI-UERA10B Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 100V CURRENT:10.0A
UERB10J GULFSEMI-UERB10J Datasheet
113Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UERP10G GULFSEMI-UERP10G Datasheet
189Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT:10.0A
UESA10J GULFSEMI-UESA10J Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UESP10J GULFSEMI-UESP10J Datasheet
82Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UGSA10J GULFSEMI-UGSA10J Datasheet
106Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UGSP10J GULFSEMI-UGSP10J Datasheet
82Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com