Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGSP03J Datasheet (PDF) - Gulf Semiconductor

UGSP03J Datasheet PDF - Gulf Semiconductor
Part # UGSP03J
Download  UGSP03J Download
File Size   111.68 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description Ultra fast Plastic Rectifiers VOLTAGE竊?00V CURRENT竊?.0A

UGSP03J Datasheet (PDF)

Go To PDF Page Download Datasheet
UGSP03J Datasheet PDF - Gulf Semiconductor

Part # UGSP03J
Download  UGSP03J Click to download

File Size   111.68 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description Ultra fast Plastic Rectifiers VOLTAGE竊?00V CURRENT竊?.0A

UGSP03J Datasheet (HTML) - Gulf Semiconductor




Similar Part No. - UGSP03J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UGSP04J GULFSEMI-UGSP04J Datasheet
75Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UGSP05D GULFSEMI-UGSP05D Datasheet
68Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A
UGSP05F GULFSEMI-UGSP05F Datasheet
74Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 300V CURRENT:5.0A
UGSP05G GULFSEMI-UGSP05G Datasheet
88Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 400V CURRENT:5.0A
UGSP05J GULFSEMI-UGSP05J Datasheet
115Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT:5.0A
More results


Similar Description - UGSP03J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
D2L20U GULFSEMI-D2L20U Datasheet
258Kb / 3P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00v CURRENT竊?1.3A
FK1K GULFSEMI-FK1K Datasheet
241Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
NF3G GULFSEMI-NF3G Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
NF3J GULFSEMI-NF3J Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
RG10 GULFSEMI-RG10 Datasheet
86Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00V CURRENT竊?1.5A
S2L60 GULFSEMI-S2L60 Datasheet
302Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00v CURRENT竊?1.2A
S3L20U GULFSEMI-S3L20U Datasheet
485Kb / 3P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00v CURRENT竊?2.1A
UESA06J GULFSEMI-UESA06J Datasheet
92Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE竊?00V CURRENT竊?.0A
UGS2J GULFSEMI-UGS2J Datasheet
114Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE竊?00V to 800V CURRENT竊?.0A
USB2J GULFSEMI-USB2J Datasheet
126Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com