Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB120 Datasheet (PDF) - Gulf Semiconductor

Part # SB120
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
File Size   96.84 Kbytes
Html View  1   2 
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB120 Datasheet (PDF) - Gulf Semiconductor



Similar Part No. - SB120

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB120 PANJIT-SB120 Datasheet
45Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
SB120 TRSYS-SB120 Datasheet
145Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB120 WTE-SB120 Datasheet
50Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB120 ZOWIE-SB120 Datasheet
49Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SB120 SSE-SB120 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB120

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5817 GULFSEMI-1N5817 Datasheet
89Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 1.0A
SB12 GULFSEMI-SB12 Datasheet
207Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A
SB120E GULFSEMI-SB120E Datasheet
97Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB220 GULFSEMI-SB220 Datasheet
845Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 2.0A
SB320 GULFSEMI-SB320 Datasheet
98Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
SB520 GULFSEMI-SB520 Datasheet
90Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 5.0A
SB820 GULFSEMI-SB820 Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 8.0A
SB1020 GULFSEMI-SB1020 Datasheet
432Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 10.0A
SB1620CT GULFSEMI-SB1620CT Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 16.0A
logo
Leshan Radio Company
LMBR120LFT1G LRC-LMBR120LFT1G Datasheet
428Kb / 11P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60V Forward Current 1.0A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com