Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMS4816N Datasheet (PDF) - ON Semiconductor

Part # NTMS4816N
Description  Power MOSFET 30 V, 11 A, N-Channel, SO-8
File Size   94.55 Kbytes
Html View  1   2   3   4   5 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMS4816N Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMS4816N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS4816N ONSEMI-NTMS4816N Datasheet
114Kb / 5P
Power MOSFET
September, 2013 ??Rev. 2
logo
Guangdong Youtai Semico...
NTMS4816N UMW-NTMS4816N Datasheet
440Kb / 6P
30V N-Channel MOSFET
logo
ON Semiconductor
NTMS4816NR2G ONSEMI-NTMS4816NR2G Datasheet
114Kb / 5P
Power MOSFET
September, 2013 ??Rev. 2
logo
Guangdong Youtai Semico...
NTMS4816NR2G UMW-NTMS4816NR2G Datasheet
440Kb / 6P
30V N-Channel MOSFET
logo
ON Semiconductor
NTMS4816NR2G. ONSEMI-NTMS4816NR2G. Datasheet
114Kb / 5P
Power MOSFET
September, 2013 ??Rev. 2
More results


Similar Description - NTMS4816N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
75Kb / 7P
Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2
logo
STMicroelectronics
STS14N3LLH5 STMICROELECTRONICS-STS14N3LLH5 Datasheet
419Kb / 12P
N-channel 30 V, 0.005 Ω, 14 A - SO-8 STripFET??V Power MOSFET
23-Sep-2008
logo
ON Semiconductor
NTMFS4119N ONSEMI-NTMFS4119N Datasheet
87Kb / 5P
Power MOSFET 30 V, 30 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 5
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMS4705N ONSEMI-NTMS4705N Datasheet
96Kb / 5P
Power MOSFET 30 V, 12 A, Single N-Channel, SO-8
October, 2007 - Rev. 3
NTMS4807N ONSEMI-NTMS4807N Datasheet
93Kb / 5P
Power MOSFET 30 V, 14.8 A, N-Channel, SO-8
December, 2007 - Rev. 0
logo
STMicroelectronics
STS10N3LH5 STMICROELECTRONICS-STS10N3LH5 Datasheet
778Kb / 13P
N-channel 30 V, 0.019 Ω, 10 A, SO-8 STripFET™V Power MOSFET
06-May-2009
STS11N3LLH5 STMICROELECTRONICS-STS11N3LLH5 Datasheet
732Kb / 12P
N-channel 30 V, 0.0117 Ω, 11 A, SO-8 STripFET™ V Power MOSFET
June 2011 Rev 2
logo
ON Semiconductor
NTMFS4922NE ONSEMI-NTMFS4922NE Datasheet
165Kb / 8P
Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
May, 2012 - Rev. 1
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com