Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA7127 Datasheet (PDF) - NXP Semiconductors

Part # BGA7127
Description  400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
File Size   302.15 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7127 Datasheet (PDF) - NXP Semiconductors



Similar Part No. - BGA7127

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA7127 NXP-BGA7127 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - BGA7127

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5320 AD-ADL5320 Datasheet
328Kb / 10P
400 MHz to 2700 MHz Pre-driver RF Amplifier
Rev. PrB
logo
Skyworks Solutions Inc.
SKY65112-84LF SKYWORKS-SKY65112-84LF Datasheet
756Kb / 11P
Linear Power Amplifier Driver, 0.5 W 400-2300 MHz
logo
Analog Devices
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
logo
NXP Semiconductors
BGA7124 NXP-BGA7124 Datasheet
337Kb / 10P
400 MHz to 2700 MHz 1/4 W high linearity Si amplifier
Rev. 00.07-16 July 2009
logo
Analog Devices
ADL5604 AD-ADL5604 Datasheet
612Kb / 24P
700 MHz to 2700 MHz 1 W RF Driver Amplifier
REV. 0
logo
NXP Semiconductors
BGA7124 NXP-BGA7124_10 Datasheet
401Kb / 33P
400 MHz to 2700 MHz 0.25 W high linearity silicon amplifier
Rev. 01-21 April 2010
BGA7027 NXP-BGA7027 Datasheet
570Kb / 19P
400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Rev. 1-11 August 2010
logo
Skyworks Solutions Inc.
SKY73025 SKYWORKS-SKY73025 Datasheet
378Kb / 15P
2300 ??2700 MHz High Gain and Linearity
logo
NXP Semiconductors
BGA6130 NXP-BGA6130 Datasheet
742Kb / 27P
400 MHz to 2700 MHz 1 W high efficiency silicon amplifier
Rev. 2-12 February 2014
logo
Guerrilla RF, Inc.
GRF5112 GUERRILLA-GRF5112 Datasheet
1Mb / 16P
HIGH LINEARITY POWER AMPLIFIER 100 to 2700 MHz
March 1, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com