Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC-UE Datasheet (PDF) - SHIELD s.r.l.

Part # MC-UE
Description  PUR, pvc insulation, UL 600 V
File Size   90.03 Kbytes
Html View  1 
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

MC-UE Datasheet (PDF) - SHIELD s.r.l.



Similar Part No. - MC-UE

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MC-01B KEMET-MC-01B Datasheet
72Kb / 1P
KEMET, MR, Current, Round - Toroidal, Zero Phase, High Sensitivity, Compact
7/05/2020
logo
Brady Worldwide, Inc.
MC-1000-427 BRADY-MC-1000-427 Datasheet
431Kb / 1P
BMP®51 and BMP®53 Materials
logo
Sumida Corporation
MC-100C SUMIDA-MC-100C Datasheet
112Kb / 1P
General Power Transformer
MC-100U SUMIDA-MC-100U Datasheet
117Kb / 1P
General Power Transformer
logo
Multicomp Pro
MC-1010501B MULTICOMP-MC-1010501B Datasheet
235Kb / 1P
3.5mm Plug to SMA Bulkhead Jack Adapter
19/01/21 V1.0
More results


Similar Description - MC-UE

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MC-OE SHIELD-MC-OE Datasheet
111Kb / 2P
PUR, halogen free, UL 300 V
MD-EE SHIELD-MD-EE Datasheet
71Kb / 1P
PUR, halogen free, UL 300 V
MD-TE SHIELD-MD-TE Datasheet
110Kb / 2P
PUR, halogen free, UL 300 V
MF-TE SHIELD-MF-TE Datasheet
100Kb / 2P
PUR outer sheath, pvc inside, UL 300 V
MH-PF SHIELD-MH-PF Datasheet
83Kb / 1P
Multi-section cables, UL 300 V, PUR outer sheath, pvc inside
ML-DD SHIELD-ML-DD Datasheet
70Kb / 1P
DeviceNet, UL - PUR
ML-RD SHIELD-ML-RD Datasheet
70Kb / 1P
Profibus짰, UL - PUR
MN-ST SHIELD-MN-ST Datasheet
110Kb / 2P
PVC, UL 300 V
MN-UK SHIELD-MN-UK Datasheet
77Kb / 1P
PVC, HAR-UL-CSA tri-norm, 600 V
MP-TE SHIELD-MP-TE Datasheet
101Kb / 2P
PVC, UL 300 V, shielded
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com