Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-HE Datasheet (PDF) - SHIELD s.r.l.

Part # MF-HE
Description  PUR outer sheath, pvc inside
File Size   100.72 Kbytes
Html View  1   2 
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

MF-HE Datasheet (PDF) - SHIELD s.r.l.



Similar Part No. - MF-HE

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
MF-0637A-50BL JMK-MF-0637A-50BL Datasheet
100Kb / 1P
Operating Voltage = 48 Vdc Operating Current = 50 Amperes
MF-0637A-50BR JMK-MF-0637A-50BR Datasheet
36Kb / 1P
This EMI / RFI filter features a very small mechanical package.
MF-0637A-60BL JMK-MF-0637A-60BL Datasheet
100Kb / 1P
Operating Voltage = 48 Vdc Operating Current = 60 Amperes
MF-0637A-60BR JMK-MF-0637A-60BR Datasheet
61Kb / 1P
Operating Voltage = 48 Vdc Operating Current = 60 Amperes
logo
Willow Technologies Ltd
MF-100 WILLOW-MF-100 Datasheet
118Kb / 2P
GENERAL PURPOSE METAL FILM RESISTORS
More results


Similar Description - MF-HE

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6728 POMONA-6728 Datasheet
48Kb / 1P
Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
6729 POMONA-6729 Datasheet
142Kb / 3P
Sheath Banana Plug
logo
SHIELD s.r.l.
MC-UE SHIELD-MC-UE Datasheet
90Kb / 1P
PUR, pvc insulation, UL 600 V
MF-RK SHIELD-MF-RK Datasheet
65Kb / 1P
PUR / PVC, approved ADR
MF-TE SHIELD-MF-TE Datasheet
100Kb / 2P
PUR outer sheath, pvc inside, UL 300 V
MH-PF SHIELD-MH-PF Datasheet
83Kb / 1P
Multi-section cables, UL 300 V, PUR outer sheath, pvc inside
logo
Fuji Electric
EDS2-9B FUJI-EDS2-9B Datasheet
75Kb / 4P
SHEATH TYPE THERMOCOUPLE
logo
3M Electronics
6728-0 3M-6728-0 Datasheet
48Kb / 1P
Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
Rev 001
logo
API Technologies Corp
7006-1 APITECH-7006-1 Datasheet
499Kb / 1P
Inside DC Block
logo
Littelfuse
00200400 LITTELFUSE-00200400 Datasheet
93Kb / 1P
ADR Cables ??Polyurethane sheath material
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com