Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS441R Datasheet (PDF) - Infineon Technologies AG

Part # BTS441R
Description  Smart Power High-Side-Switch One Channel: 20 m廓
File Size   340.74 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS441R Datasheet (PDF) - Infineon Technologies AG



Similar Part No. - BTS441R_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS441RG INFINEON-BTS441RG Datasheet
226Kb / 12P
Smart Highside Power Switch One Channel: 20m??Status Feedback
2003-Oct-01
BTS441RG INFINEON-BTS441RG Datasheet
1Mb / 16P
Smart Power High-Side-Switch
Rev. 1.21, 2012-12-06
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
Smart Highside Power Switch
2003-Oct-01
BTS441RS INFINEON-BTS441RS Datasheet
226Kb / 12P
Smart Highside Power Switch One Channel: 20m??Status Feedback
2003-Oct-01
More results


Similar Description - BTS441R_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS6123B INFINEON-BTS6123B Datasheet
338Kb / 30P
Smart High-Side Power Switch PROFET One Channel, 10 m?
V1.0, December 2005
BTS6123P INFINEON-BTS6123P Datasheet
906Kb / 30P
Smart High-Side Power Switch PROFET One Channel, 10 m?
V1.0, December 2005
BTS6142D INFINEON-BTS6142D Datasheet
337Kb / 30P
Smart High-Side Power Switch PROFET One Channel, 12 m?
V1.0, October 2005
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTF50060-1TEA INFINEON-BTF50060-1TEA_11 Datasheet
1Mb / 38P
Smart High-Side Power Switch, One Channel
Rev. 1.2, 2011-09-01
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6030-1ERA INFINEON-BTT6030-1ERA Datasheet
1Mb / 53P
Smart High-Side Power Switch Single Channel, 31 m廓
Rev.1.00 2019-03-09
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com