Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXO-SW-H-5P-ST3 Datasheet (PDF) - QUARTZCOM the communications company

Part # TXO-SW-H-5P-ST3
Description  STRATUM III SMD TCXO HCMOS Overall stability 4.60 ppm including 20 years aging
File Size   163.11 Kbytes
Html View  1 
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

TXO-SW-H-5P-ST3 Datasheet (PDF) - QUARTZCOM the communications company



Similar Part No. - TXO-SW-H-5P-ST3

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TXO-SW-S-8P QUARTZCOM-TXO-SW-S-8P Datasheet
227Kb / 1P
SMD TCXO Sine wave Wide frequency range up to 500 MHz
More results


Similar Description - TXO-SW-H-5P-ST3

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE10S AXTAL-AXLE10S Datasheet
55Kb / 2P
TCXO with Stratum III stability incl. holdover
2005-05-22
AXLE30S AXTAL-AXLE30S Datasheet
55Kb / 2P
TCXO with Stratum III stability incl. holdover
2005-05-22
logo
Fox Electronics
FOX331 FOX-FOX331 Datasheet
238Kb / 2P
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
logo
QUARTZCOM the communica...
TX7-503C-ST3 QUARTZCOM-TX7-503C-ST3 Datasheet
121Kb / 1P
STRATUM III SMD TCXO CMOS Overall stability: 짹4.60 ppm including 20 years aging
TXO-P9-H-6P-ST3 QUARTZCOM-TXO-P9-H-6P-ST3 Datasheet
114Kb / 1P
STRATUM III SMD TCXO HCMOS Overall stability 4.60 ppm including 20 years aging
TX7-705C-S-ST3 QUARTZCOM-TX7-705C-S-ST3 Datasheet
107Kb / 1P
STRATUM III SMD TCXO CMOS Overall stability 짹4.60 ppm including 20 years aging
VTO-P9-H-6P-ST3 QUARTZCOM-VTO-P9-H-6P-ST3 Datasheet
116Kb / 1P
STRATUM-III SMD VC-TCXO HCMOS Output signal HCMOS
logo
Fox Electronics
FOX321 FOX-FOX321 Datasheet
38Kb / 1P
3.3V 5032 SMD Stratum III HCMOS TCXO/VCTCXOMODEL
FOX321ER FOX-FOX321ER Datasheet
38Kb / 1P
3.3V 5032 SMD Stratum III HCMOS TCXO
FOX331AR FOX-FOX331AR Datasheet
359Kb / 2P
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com