Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMD28-461 Datasheet (PDF) - Interpoint Corporation Company

Part # FMD28-461
Description  Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
File Size   807.2 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD28-461 Datasheet (PDF) - Interpoint Corporation Company



Similar Part No. - FMD28-461_10

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
EMI Input Filters 28 Volt input ??7 Amp
More results


Similar Description - FMD28-461_10

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PDC-10-1 MINI-PDC-10-1 Datasheet
46Kb / 1P
6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461_10 Datasheet
536Kb / 9P
Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
FMCE-1528 INTERPOINT-FMCE-1528 Datasheet
1Mb / 13P
Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
logo
LEM
LF310-S LEM-LF310-S Datasheet
1Mb / 7P
Bipolar and insulated current measurement up to 500 A
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
Attenuation: 1.0 dB steps to 15 dB
logo
Marki Microwave
BTN1-0050 MARKIMICROWAVE-BTN1-0050 Datasheet
686Kb / 4P
Broadband: 500 kHz to 50 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com