Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FME270-461 Datasheet (PDF) - Interpoint Corporation Company

Part # FME270-461
Description  Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
File Size   920.69 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME270-461 Datasheet (PDF) - Interpoint Corporation Company



Similar Part No. - FME270-461_10

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FME270-461/883 INTERPOINT-FME270-461/883 Datasheet
238Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Crane Aerospace & Elect...
FME270-461/883 CRANE-FME270-461/883 Datasheet
239Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
FME270-461V CRANE-FME270-461V Datasheet
239Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Interpoint Corporation ...
FME270-461V/883 INTERPOINT-FME270-461V/883 Datasheet
238Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Crane Aerospace & Elect...
FME270-461V/883 CRANE-FME270-461V/883 Datasheet
239Kb / 16P
EMI INPUT FILTERS 28 & 270 VOLT INPUT
More results


Similar Description - FME270-461_10

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461_10 Datasheet
536Kb / 9P
Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
FMCE-1528 INTERPOINT-FMCE-1528 Datasheet
1Mb / 13P
Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
FMD28-461 INTERPOINT-FMD28-461_10 Datasheet
807Kb / 8P
Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com