Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMHF282R5S Datasheet (PDF) - Interpoint Corporation Company

Part # SMHF282R5S
Description  Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
File Size   591.79 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF282R5S Datasheet (PDF) - Interpoint Corporation Company



Similar Part No. - SMHF282R5S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMHF2805D INTERPOINT-SMHF2805D Datasheet
213Kb / 12P
DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805D/HO INTERPOINT-SMHF2805D/HO Datasheet
213Kb / 12P
DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805D/KR INTERPOINT-SMHF2805D/KR Datasheet
511Kb / 15P
SMHF Single and Dual DC-DC Converters
SMHF2805DE/HO INTERPOINT-SMHF2805DE/HO Datasheet
213Kb / 12P
DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805DE/HR INTERPOINT-SMHF2805DE/HR Datasheet
213Kb / 12P
DC/DC CONVERTERS 28 VOLT INPUT
More results


Similar Description - SMHF282R5S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
Parallel operation with current share, 16 to 40 VDC input
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Dielectric Laboratories...
B148QF0S DILABS-B148QF0S Datasheet
370Kb / 3P
Frequency Stable over Temperature -55째C to 125째C
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
40 to 110 VDC Input
MDCFM-01A MPD-MDCFM-01A Datasheet
493Kb / 2P
0 to 40 VDC Input
logo
MMD Components
IM830B MMD-IM830B Datasheet
734Kb / 9P
MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com