Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP9003 Datasheet (PDF) - Mimix Broadband

Part # XP9003
Description  30W Power Amplifier Module
File Size   719.37 Kbytes
Html View  1   2   3   4   5 
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP9003 Datasheet (PDF) - Mimix Broadband



Similar Part No. - XP9003_10

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP9003-MB MIMIX-XP9003-MB Datasheet
217Kb / 5P
1.6 GHz 30W Power Amplifier Module
XP9003-MB-0N00 MIMIX-XP9003-MB-0N00 Datasheet
217Kb / 5P
1.6 GHz 30W Power Amplifier Module
XP9003-MB-EV1 MIMIX-XP9003-MB-EV1 Datasheet
217Kb / 5P
1.6 GHz 30W Power Amplifier Module
More results


Similar Description - XP9003_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MA1100-1 MITSUBISHI-MA1100-1 Datasheet
23Kb / 1P
For DCS1800 - 30W Power Amplifier
MA1114-1 MITSUBISHI-MA1114-1 Datasheet
23Kb / 1P
For PCS - 30W Power Amplifier
logo
NTE Electronics
NTE1819 NTE-NTE1819 Datasheet
23Kb / 2P
Integrated Circuit Module, AF Power Amplifier, 30W/Ch
logo
Toshiba Semiconductor
TA7250BP TOSHIBA-TA7250BP Datasheet
490Kb / 11P
30W BTL AUDIO POWER AMPLIFIER
02-Jun-1997
logo
Sanyo Semicon Device
STK4151V SANYO-STK4151V Datasheet
379Kb / 5P
AF Power Amplifier (Split Power Supply) (30W 30W min, THD = 0.08%)
logo
Toshiba Semiconductor
S-AV40 TOSHIBA-S-AV40 Datasheet
180Kb / 6P
RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 30W COMMERCIAL VHF RADIO APPLICATIONS
logo
Mimix Broadband
XP9003-MB MIMIX-XP9003-MB Datasheet
217Kb / 5P
1.6 GHz 30W Power Amplifier Module
logo
RF Micro Devices
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
30W GaN WIDEBAND POWER AMPLIFIER
logo
Minmax Technology Co., ...
AQF-30 MINMAX-AQF-30_16 Datasheet
376Kb / 5P
AC/DC Power Module 30W
logo
TriQuint Semiconductor
TGA2578 TRIQUINT-TGA2578 Datasheet
576Kb / 13P
2-6GHz 30W Power Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com