Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCC Datasheet (PDF) - HolyStone International

Part # SCC
Description  Safety Capacitors rated to 250Vac
File Size   220.15 Kbytes
Html View  1   2   3 
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

SCC Datasheet (PDF) - HolyStone International



Similar Part No. - SCC

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SCC CDE-SCC Datasheet
204Kb / 3P
Dual IGBT Clamp-Snubber Modules
logo
Kyocera Kinseki Corpota...
SCC KSS-SCC Datasheet
757Kb / 9P
High Capacitance Cylindrical SuperCapacitors
Rev 1
logo
3M Electronics
SCC 1000 3M-SCC 1000 Datasheet
69Kb / 2P
3MTM Static Shielding Bag SCC 1000
logo
Adam Technologies, Inc.
SCC-06-SG-HC-NS-NP-TR ADAM-TECH-SCC-06-SG-HC-NS-NP-TR Datasheet
84Kb / 1P
SIM CARD 6 PIN
SCC-06-SG-HC-NS-TR ADAM-TECH-SCC-06-SG-HC-NS-TR Datasheet
99Kb / 1P
SIM CARD 6 PIN
More results


Similar Description - SCC

ManufacturerPart #DatasheetDescription
logo
GREATECS
MP3 GREATECS-MP3 Datasheet
154Kb / 1P
Micro Switches up to 10A 125/250VAC
logo
TDK Electronics
RSHN-2006 TDK-RSHN-2006 Datasheet
243Kb / 2P
3A to 300A, 250VAC EMI Filters
logo
E-SWITCH
34-PP1DB72A2 E-SWITCH-34-PP1DB72A2 Datasheet
95Kb / 1P
UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
34-PP1EB71A2 E-SWITCH-34-PP1EB71A2 Datasheet
60Kb / 1P
UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
logo
Murata Manufacturing Co...
DE1B3KX331KA5B MURATA1-DE1B3KX331KA5B Datasheet
175Kb / 2P
Safety Capacitors
09/22/2022
DE1B3KX331KN5A MURATA1-DE1B3KX331KN5A Datasheet
174Kb / 2P
Safety Capacitors
09/22/2022
DE1E3KX152MA5BA01 MURATA1-DE1E3KX152MA5BA01 Datasheet
175Kb / 2P
Safety Capacitors
09/22/2022
DE1E3KX332MA5BA01 MURATA1-DE1E3KX332MA5BA01 Datasheet
175Kb / 2P
Safety Capacitors
09/22/2022
DE1E3KX392MA5BA01 MURATA1-DE1E3KX392MA5BA01 Datasheet
175Kb / 2P
Safety Capacitors
09/22/2022
GA342D MURATA1-GA342D Datasheet
205Kb / 1P
MURATA Safety Rated Ceramic Chip Capacitors
2012
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com