Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC264 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC264
Description  GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
File Size   338.58 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC264 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC264

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC264 HITTITE-HMC264 Datasheet
311Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC264 HITTITE-HMC264 Datasheet
323Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
logo
Micross Components
HMC264 MICROSS-HMC264 Datasheet
984Kb / 11P
Microwave Point-to-Point Radios
logo
Hittite Microwave Corpo...
HMC264LC3B HITTITE-HMC264LC3B Datasheet
351Kb / 6P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC264LC3B HITTITE-HMC264LC3B Datasheet
226Kb / 6P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
More results


Similar Description - HMC264

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC264 HITTITE-HMC264 Datasheet
311Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC265 HITTITE-HMC265 Datasheet
220Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC266 HITTITE-HMC266 Datasheet
168Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC265 HITTITE-HMC265_08 Datasheet
256Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC266 HITTITE-HMC266_06 Datasheet
276Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC265 HITTITE-HMC265_09 Datasheet
265Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC266 HITTITE-HMC266_09 Datasheet
221Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
logo
Analog Devices
HMC265 AD-HMC265 Datasheet
344Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com