Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC349LP4C Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC349LP4C
Description  HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
File Size   204.74 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC349LP4C Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC349LP4C_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC349LP4C HITTITE-HMC349LP4C_06 Datasheet
278Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
More results


Similar Description - HMC349LP4C_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC349LP4C HITTITE-HMC349LP4C Datasheet
213Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349MS8G HITTITE-HMC349MS8G Datasheet
210Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349LP4C HITTITE-HMC349LP4C_06 Datasheet
278Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349MS8G HITTITE-HMC349MS8G_07 Datasheet
260Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC849LP4CE HITTITE-HMC849LP4CE Datasheet
204Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_1 Datasheet
243Kb / 8P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC349MS8G HITTITE-HMC349MS8G_08 Datasheet
219Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC435MS8G HITTITE-HMC435MS8G_10 Datasheet
165Kb / 4P
SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_11 Datasheet
497Kb / 8P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
logo
Analog Devices
HMC849ALP4CE AD-HMC849ALP4CE Datasheet
566Kb / 8P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com