Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1876 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

Part # 2SA1876
Description  Switching Power Transistor(-3A PNP)
File Size   386.17 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SA1876 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd



Similar Part No. - 2SA1876

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1870 ROHM-2SA1870 Datasheet
26Kb / 1P
High-speed Switching Transistor (-60V, -12A)
2SA1870 ROHM-2SA1870 Datasheet
65Kb / 2P
High-voltage switching Transister
logo
NEC
2SA1871 NEC-2SA1871 Datasheet
116Kb / 6P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
Renesas Technology Corp
2SA1871 RENESAS-2SA1871 Datasheet
240Kb / 8P
SILICON TRANSISTOR
2002
logo
Guangdong Kexin Industr...
2SA1871-A1 KEXIN-2SA1871-A1 Datasheet
674Kb / 3P
PNP Transistors
More results


Similar Description - 2SA1876

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4051 SHINDENGEN-2SC4051 Datasheet
524Kb / 12P
Switching Power Transistor(3A NPN)
2SC4052 SHINDENGEN-2SC4052 Datasheet
524Kb / 12P
Switching Power Transistor(3A NPN)
2SC4233 SHINDENGEN-2SC4233 Datasheet
526Kb / 12P
Switching Power Transistor(3A NPN)
2SC4234 SHINDENGEN-2SC4234 Datasheet
526Kb / 12P
Switching Power Transistor(3A NPN)
2SC4235 SHINDENGEN-2SC4235 Datasheet
515Kb / 12P
Switching Power Transistor(3A NPN)
2SC4583 SHINDENGEN-2SC4583 Datasheet
438Kb / 10P
Switching Power Transistor(3A NPN)
2SC4978 SHINDENGEN-2SC4978 Datasheet
444Kb / 8P
Switching Power Transistor(3A NPN)
logo
Will Semiconductor Ltd.
WPT2F30 WILLSEMI-WPT2F30 Datasheet
158Kb / 4P
Single, PNP, -30V, -3A, Power Transistor
WPT2N41 WILLSEMI-WPT2N41 Datasheet
813Kb / 5P
Single, PNP, -30V, -3A, Power Transistor
WPT2N46 WILLSEMI-WPT2N46 Datasheet
599Kb / 5P
Single, PNP, -30v, -3A, Power Transistor
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com