Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

334LP4E Datasheet (PDF) - Hittite Microwave Corporation

Part # 334LP4E
Description  SiGe WIDEBAND DOWNCONVERTER, 0.6 - 2.7 GHz
File Size   315.67 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

334LP4E Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - 334LP4E

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
334LC2700K5HM6 ILLINOISCAPACITOR-334LC2700K5HM6 Datasheet
610Kb / 3P
High AC Voltage - High current
334LC3700K5LM8 ILLINOISCAPACITOR-334LC3700K5LM8 Datasheet
943Kb / 4P
High AC Voltage - High current
334LC3700KL505HM6 ILLINOISCAPACITOR-334LC3700KL505HM6 Datasheet
943Kb / 4P
High AC Voltage - High current
334LC4102K5LM8 ILLINOISCAPACITOR-334LC4102K5LM8 Datasheet
630Kb / 3P
High AC Voltage - High current
334LC6102K5PM8 ILLINOISCAPACITOR-334LC6102K5PM8 Datasheet
623Kb / 3P
High AC Voltage - High current
More results


Similar Description - 334LP4E

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD59-0044 MACOM-MD59-0044 Datasheet
321Kb / 11P
Wideband Downconverter 0.7-2.5GHz
logo
NEC
UPC2745T NEC-UPC2745T Datasheet
115Kb / 5P
3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
logo
Hittite Microwave Corpo...
HMC496LP3 HITTITE-HMC496LP3 Datasheet
479Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 4.0 - 7.0 GHz
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
Four-Channel Wideband Programmable DownConverter
August 2004
logo
WJ Communication. Inc.
CV221-2A WJCI-CV221-2A_07 Datasheet
327Kb / 5P
1.9 - 2.7 GHz Dual-Branch Downconverter
logo
Hittite Microwave Corpo...
HMC334LP4 HITTITE-HMC334LP4 Datasheet
303Kb / 8P
SiGe WIDEBAND DOWNCONVERTER, 0.8 - 2.7 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC496LP3 HITTITE-HMC496LP3_11 Datasheet
558Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 4 - 7 GHz
HMC623LP4 HITTITE-HMC623LP4 Datasheet
713Kb / 8P
RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
logo
Analog Devices
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
24 GHz to 44 GHz, Wideband, Microwave Downconverter
4/2019-Rev. 0 to Rev. A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com