Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

334LP4E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 334LP4E
Description  SiGe WIDEBAND DOWNCONVERTER, 0.6 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

334LP4E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  334LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 334LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
9
9 - 40
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Input IP3 vs. LO Drive, IF = 100 MHz [1]
Input IP3 vs. LO Drive, IF = 240 MHz [1]
Input IP3 vs. Temperature
@ LO = 0 dBm, IF = 100 MHz [1]
Input IP3 vs. Temperature
@ LO = 0 dBm, IF = 240 MHz [1]
Noise Figure [1]
RF Return Loss @ LO = 0 dBm [1]
0
5
10
15
20
25
30
35
40
0.6
1
1.4
1.8
2.2
2.6
3
-3 dBm
0 dBm
+3 dBm
RF FREQUENCY (GHz)
0
5
10
15
20
25
30
35
40
0.6
1
1.4
1.8
2.2
2.6
3
+25C
+85C
-40C
RF FREQUENCY (GHz)
0
5
10
15
20
25
30
35
40
0.6
1
1.4
1.8
2.2
2.6
3
-3 dBm
0 dBm
+3 dBm
RF FREQUENCY (GHz)
0
5
10
15
20
25
30
35
40
0.6
1
1.4
1.8
2.2
2.6
3
+25C
+85C
-40C
RF FREQUENCY (GHz)
0
5
10
15
20
25
0.6
1
1.4
1.8
2.2
2.6
3
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
-40
-30
-20
-10
0
10
0
0.5
1
1.5
2
2.5
3
RF
LO
RF FREQUENCY (GHz)
[1] LO < RF
* Unless otherwise noted all measurements with R1= 13 Ohms
HMC334LP4 / 334LP4E
v03.0410
SiGe WIDEBAND
DOWNCONVERTER, 0.6 - 2.7 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com