Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC486LP5 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC486LP5
Description  SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
File Size   250.01 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC486LP5 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC486LP5_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC486LP5E HITTITE-HMC486LP5E Datasheet
358Kb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
logo
Analog Devices
HMC486LP5E AD-HMC486LP5E Datasheet
1Mb / 22P
Active Bias Controller High Current
More results


Similar Description - HMC486LP5_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC489LP5 ETC1-HMC489LP5 Datasheet
368Kb / 6P
SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
logo
Hittite Microwave Corpo...
HMC486 HITTITE-HMC486 Datasheet
365Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7.0 - 9.0 GHz
HMC486LP5 HITTITE-HMC486LP5 Datasheet
358Kb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
HMC487LP5 HITTITE-HMC487LP5 Datasheet
374Kb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
HMC998 HITTITE-HMC998 Datasheet
612Kb / 10P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
HMC486 HITTITE-HMC486_09 Datasheet
264Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7 - 9 GHz
HMC487LP5 HITTITE-HMC487LP5_09 Datasheet
247Kb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
HMC489LP5 HITTITE-HMC489LP5 Datasheet
248Kb / 6P
SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
HMC591 HITTITE-HMC591_09 Datasheet
298Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6 - 10 GHz
logo
Analog Devices
HMC487 AD-HMC487 Datasheet
1Mb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com