Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC795LP5E Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC795LP5E
Description  SiGe Wideband Direct Quadrature Modulator w/ vga, 50 - 2800 MHz
File Size   1535.79 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC795LP5E Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC795LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7950 AD-HMC7950 Datasheet
405Kb / 16P
MMIC Low Noise Amplifier
Sep-2017
HMC7950LS6 AD-HMC7950LS6 Datasheet
405Kb / 16P
MMIC Low Noise Amplifier
Sep-2017
HMC7950LS6TR AD-HMC7950LS6TR Datasheet
405Kb / 16P
MMIC Low Noise Amplifier
Sep-2017
More results


Similar Description - HMC795LP5E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
700 MHz - 2700 MHz Direct Quadrature Modulator
logo
Hittite Microwave Corpo...
HMC495LP3 HITTITE-HMC495LP3 Datasheet
618Kb / 12P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
HMC497LP4 HITTITE-HMC497LP4 Datasheet
547Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
logo
SIRENZA MICRODEVICES
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
2500 -4000 MHz Direct Quadrature Modulator
logo
Hittite Microwave Corpo...
HMC696LP4E HITTITE-HMC696LP4E Datasheet
414Kb / 10P
SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC696LP4E HITTITE-HMC696LP4E_08 Datasheet
414Kb / 6P
SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC495LP3 HITTITE-HMC495LP3_08 Datasheet
428Kb / 12P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
HMC497LP4 HITTITE-HMC497LP4_09 Datasheet
370Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC697LP4 HITTITE-HMC697LP4 Datasheet
310Kb / 8P
SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 200 - 4000 MHz
logo
Analog Devices
HMC1097LP4E AD-HMC1097LP4E Datasheet
1Mb / 15P
WIDEBAND DIRECT QUADRATURE MODULATOR, 100 - 6000 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com