Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC795LP5E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC795LP5E
Description  SiGe Wideband Direct Quadrature Modulator w/ vga, 50 - 2800 MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC795LP5E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC795LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 10Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 11Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 12Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 13Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 9
Step error vs. attenuation
lo return loss vs. Frequency
acPr for W-cdMa @ 2140 MHz
vs. output Power for various input levels,
vGa attenuation 0 db [1]
acPr for W-cdMa @ 2140 MHz
vs. output Power & vGa attenuation for
various input levels [1]
rF return loss vs. attenuation
rF return loss vs. Frequency offset,
vGa attenuation 0 db
HMC795LP5E
v00.0409
SiGe Wideband direct Quadrature
Modulator w/ vGa, 50 - 2800 MHz
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0
4
8
12
16
20
24
28
32
ATTENUATION (dB)
50 MHz, 1 GHz, 2 GHz, 2.5 GHz
-40
-30
-20
-10
0
0
1
2
3
4
5
FREQUENCY (GHz)
SINGLE-ENDED LO
DIFFERENTIAL LO
WITH BD2326 BALUN
-75
-70
-65
-60
-55
-50
-15
-10
-5
0
CARRIER OUTPUT POWER (dBm)
ADJACENT CH.
ACPR
ALTERNATE CH.
ACPR
-30
-25
-20
-15
-10
-5
0
0
4
8
12
16
20
24
28
32
ATTENUATION STATE (dB)
1000MHz
2690MHz
1950 MHz
-30
-25
-20
-15
-10
-5
0
-150
-100
-50
0
50
100
150
OFFSET FREQUENCY (MHz)
1000MHz
1950MHz
2690MHz
-90
-80
-70
-60
-50
-40
-30
-180
-160
-140
-120
-100
-80
-60
-40
-30
-20
-10
0
10
CARRIER OUTPUT POWER (dBm)
ACPR
OUTPUT NOISE
110mV (rms)
65mV (rms)
0 dB
0 dB
0 dB
31.5dB
31.5dB
0 dB
28dB
37mV (rms)
[1] W-CdMA (Modulation set-up for ACPR Mode): the baseband i and q input signals were generated using “test Model 1 with 64 channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com