Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC795LP5E Datasheet(PDF) 21 Page - Hittite Microwave Corporation

Part # HMC795LP5E
Description  SiGe Wideband Direct Quadrature Modulator w/ vga, 50 - 2800 MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC795LP5E Datasheet(HTML) 21 Page - Hittite Microwave Corporation

Back Button HMC795LP5E Datasheet HTML 17Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 18Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 19Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 20Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 21Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 22Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 23Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 24Page - Hittite Microwave Corporation HMC795LP5E Datasheet HTML 25Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 21
HMC795LP5E
v00.0409
SiGe Wideband direct Quadrature
Modulator w/ vGa, 50 - 2800 MHz
3. HMC795lP5e registers the data bits in the next 29 rising edges of sClK (total of 30 data bits). the
lsBs of the data bits represent the address of the register that is intended to be read.
4. Host places the 7 register address bits on the next 7 falling edges of sClK (MsB to lsB) while the
HMC795lP5e reads the address bits on the corresponding rising edge of sCK. For a read operation this
is “0000000”.
5. Host places the 3 chip address bits <100> on the next 3 falling edges of sCK (MsB to lsB). Note
the HMC795lP5e chip address is fixed as “4d” or “100b”.
6. seN goes from low to high after the 40th rising edge of sCK. this completes the first portion of the
ReAd cycle.
7. the host asserts seN (active low serial Port enable) followed by a rising edge sClK.
8. HMC795lP5e places the 30 data bits, 7 address bits, and 3 chip id bits on the sdO on each rising
edge of the sCK commencing with the first rising edge beginning with MsB.
9. the host de-asserts seN (i.e. sets seN high) after reading the 40 bits from the sdO output. the 32
bits consists of 30 data bits, 7 address bits, and the 3 chip id bits. this completes the ReAd cycle.
Figure 8. SPI Timing Diagram for write and read operation
Main SPi timing characteristics DVDD = +3.3V ±10%, GND = 0V
Parameter
Conditions
Min.
Typ.
Max
Units
t1
seN to sCK setup time
8
nsec
t2
sdi to sCK setup time
8
nsec
t3
sdi to ClK hold time
8
nsec
t4
sCK high duration
8
nsec
t5
sCK low duration
8
nsec
t6
seN low duration after 40th ClK
20
nsec
t7
seN high duration
20
nsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com