Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20CUT10 Datasheet (PDF) - Vishay Siliconix

Part # 20CUT10
Description  High Performance Schottky Generation 5.0, 2 x 10 A
File Size   155.09 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20CUT10 Datasheet (PDF) - Vishay Siliconix



Similar Part No. - 20CUT10

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
20C0.34YY BELDEN-20C0.34YY Datasheet
155Kb / 2P
MachFlex™ LiYY, 20 C 0.34mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
20C0.34YY006100M BELDEN-20C0.34YY006100M Datasheet
155Kb / 2P
MachFlex™ LiYY, 20 C 0.34mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
20C0.34YY006200M BELDEN-20C0.34YY006200M Datasheet
155Kb / 2P
MachFlex™ LiYY, 20 C 0.34mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
20C0.34YY006300M BELDEN-20C0.34YY006300M Datasheet
155Kb / 2P
MachFlex™ LiYY, 20 C 0.34mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
20C0.34YY010100M BELDEN-20C0.34YY010100M Datasheet
155Kb / 2P
MachFlex™ LiYY, 20 C 0.34mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
More results


Similar Description - 20CUT10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
43CTT100 VISHAY-43CTT100_08 Datasheet
128Kb / 7P
High Performance Schottky Generation 5.0, 2 x 20 A
08-Sep-08
60CPT045 VISHAY-60CPT045 Datasheet
115Kb / 7P
High Performance Schottky Generation 5.0, 2 x 30 A
07-Oct-08
30CPT100 VISHAY-30CPT100 Datasheet
116Kb / 7P
High Performance Schottky Generation 5.0, 2 x 15 A
07-Oct-08
30CTT100 VISHAY-30CTT100 Datasheet
115Kb / 7P
High Performance Schottky Generation 5.0, 2 x 15 A
19-Feb-08
MBR20T100CT VISHAY-MBR20T100CT Datasheet
116Kb / 7P
High Performance Schottky Generation 5.0, 2 x 10 A
15-Oct-08
6CUT10-E VISHAY-6CUT10-E Datasheet
155Kb / 9P
High Performance Schottky Generation 5.0, 2 x 3 A
05-Jan-11
30CTT050-F VISHAY-30CTT050-F Datasheet
151Kb / 8P
High Performance Schottky Generation 5.0, 2 x 15 A
01-Oct-09
MBR20T100CT VISHAY-MBR20T100CT_12 Datasheet
150Kb / 8P
High Performance Schottky Generation 5.0, 2 x 10 A
15-Oct-08
VS-20CUT10 VISHAY-VS-20CUT10 Datasheet
145Kb / 7P
High Performance Schottky Generation 5.0, 2 x 10 A
02-Nov-11
VS-6CUT04 VISHAY-VS-6CUT04_V01 Datasheet
137Kb / 8P
High Performance Schottky Generation 5.0, 2 x 3 A
03-Nov-11
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com