Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

112MT140KPBF Datasheet (PDF) - Vishay Siliconix

Part # 112MT140KPBF
Description  Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
File Size   188.49 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

112MT140KPBF Datasheet (PDF) - Vishay Siliconix



Similar Part No. - 112MT140KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
112MT140KB IRF-112MT140KB Datasheet
121Kb / 9P
THREE PHASE CONTROLLED BRIDGE
112MT140KBS90 IRF-112MT140KBS90 Datasheet
121Kb / 9P
THREE PHASE CONTROLLED BRIDGE
More results


Similar Description - 112MT140KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
90MT80KPBF VISHAY-90MT80KPBF Datasheet
132Kb / 6P
Three Phase Bridge (Power Modules), 90/110 A
29-Apr-08
90-110MT.KPBF VISHAY-90-110MT.KPBF Datasheet
171Kb / 8P
Three Phase Bridge (Power Modules), 90/110 A
29-Apr-08
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
Three Phase Bridge (Power Modules), 25 A to 35 A
22-Jan-14
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
Three Phase Bridge (Power Modules), 45 A to 100 A
16-Jul-14
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V01 Datasheet
213Kb / 8P
Three Phase Bridge (Power Modules), 90 A/110 A
17-Aug-17
VS-5MTKPBF VISHAY-VS-5MTKPBF Datasheet
228Kb / 10P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
28-Nov-2019
VS-130-160MT..KPBF VISHAY-VS-130-160MT..KPBF Datasheet
175Kb / 8P
Three Phase Bridge, 130 A to 160 A (Power Modules)
17-Aug-17
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF Datasheet
226Kb / 10P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
28-Nov-2019
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF_V01 Datasheet
233Kb / 10P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
25-Nov-2022
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V02 Datasheet
212Kb / 8P
Three Phase Bridge (Power Modules), 90 A/110 A
17-Aug-17
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com