Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3157 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

Part # 1N3157
Description  Ref/Reg Diode, 250mW < P(D) s 400mW
File Size   90.99 Kbytes
Html View  1 
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N3157 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.



Similar Part No. - 1N3157

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N3157 CDI-DIODE-1N3157 Datasheet
96Kb / 2P
8.4 V0LT NOMINAL ZENER VOLTAGE
logo
Microsemi Corporation
1N3157 MICROSEMI-1N3157 Datasheet
72Kb / 2P
8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3157 MICROSEMI-1N3157 Datasheet
107Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3157 MICROSEMI-1N3157 Datasheet
137Kb / 3P
8.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N3157 NJSEMI-1N3157 Datasheet
109Kb / 1P
ZENER VOLTAGE 8.4V
More results


Similar Description - 1N3157

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N3515 NJSEMI-1N3515 Datasheet
58Kb / 1P
REF/REG DIODE, 250MW < P(D) s 400MW
1N3581A NJSEMI-1N3581A Datasheet
64Kb / 1P
Ref/Reg Diode, 400mW < P(D) < 1W
1N3782 NJSEMI-1N3782 Datasheet
72Kb / 1P
Ref/Reg Diode, 250mW < P9D) s 400mW
1N5734D NJSEMI-1N5734D Datasheet
67Kb / 1P
REF/REG DIODE, 250MW < P(D) s 400MW
1N5998C NJSEMI-1N5998C Datasheet
67Kb / 1P
REF / REG DIODE, 400MW < P(D) < 1W
1N5225C NJSEMI-1N5225C Datasheet
67Kb / 1P
REF/REG DIODE, 400MW < P(D) < 1W
1N5225D NJSEMI-1N5225D Datasheet
64Kb / 1P
REF/REG DIODE, 400MW < P(D) < 1W
1N5231D NJSEMI-1N5231D Datasheet
153Kb / 1P
REF/REG DIODE, 400MW < P(D) < 1W
1N5249D NJSEMI-1N5249D Datasheet
77Kb / 1P
REF/REG DIODE, 400MW < P(D) < 1W
1N5257D NJSEMI-1N5257D Datasheet
60Kb / 1P
REF/REG DIODE, 400MW < P(D) < 1W
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com