Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

412MS8GE Datasheet (PDF) - Hittite Microwave Corporation

Part # 412MS8GE
Description  DOUBLE-BALANCED MIXER, 9 - 15 GHz
File Size   498.72 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

412MS8GE Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - 412MS8GE

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
412MR2C HB-412MR2C Datasheet
203Kb / 3P
LED
412MWO4C HB-412MWO4C Datasheet
81Kb / 3P
LED
412MY8C HB-412MY8C Datasheet
156Kb / 9P
LED
More results


Similar Description - 412MS8GE

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2795B TEMIC-U2795B Datasheet
350Kb / 13P
2.5-GHz Double Balanced Mixer
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MA4EX1201-1300T MACOM-MA4EX1201-1300T Datasheet
332Kb / 3P
GaAs MMIC Double Balanced 11-15 GHz Mixer
logo
HBH Microwave GmbH
HX5006 HBH-HX5006 Datasheet
67Kb / 3P
9 - 11 GHz Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC141C8 HITTITE-HMC141C8_08 Datasheet
260Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
HMC219AMS8 HITTITE-HMC219AMS8 Datasheet
565Kb / 6P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 9 GHz
HMC410AMS8G HITTITE-HMC410AMS8G Datasheet
588Kb / 6P
GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9 - 15 GHz
HMC412AMS8G HITTITE-HMC412AMS8G Datasheet
647Kb / 6P
DOUBLE-BALANCED MIXER, 9 - 15 GHz
HMC410MS8G HITTITE-HMC410MS8G_10 Datasheet
489Kb / 6P
GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9 - 15 GHz
logo
Analog Devices
ADMV1550 AD-ADMV1550 Datasheet
3Mb / 34P
15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com