Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

412MS8GE Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 412MS8GE
Description  DOUBLE-BALANCED MIXER, 9 - 15 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

412MS8GE Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  412MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation 412MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation 412MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 412MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation 412MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation 412MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 2
DISC
ONT
INUE
D
PRO
DUC
T
Not R
ecom
men
ded
for N
ew D
esig
ns
HMC412MS8G / 412MS8GE
Conversion Gain vs.
Temperature @ LO = +13 dBm
Isolation @ LO = +13 dBm
IF Bandwidth @ LO = +13 dBm
Return Loss @ LO = +13 dBm
Conversion Gain vs. LO Drive
Upconverter Performance
Conversion Gain @ LO = +13 dBm
DOUBLE-BALANCED
MIXER, 9 - 15 GHz
v02.0607
-20
-15
-10
-5
0
8
9
10
11
12
13
14
15
16
+25 C
-40 C
+85 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
8
9
10
11
12
13
14
15
16
RF
LO
FREQUENCY (GHz)
-20
-15
-10
-5
0
8
9
10
11
12
13
14
15
16
LO = +7 dBm
LO = +9 dBm
LO = +11 dBm
LO = +13 dBm
LO = +15 dBm
FREQUENCY (GHz)
-20
-15
-10
-5
0
8
9
10
11
12
13
14
15
16
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
Conversion Gain
Return Loss
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
8
9
10
11
12
13
14
15
16
RF/IF
LO/RF
LO/IF
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com