Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6621 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

Part # 1N6621
Description  FAST RECTIFIER, 1A < I(O) / I(F) < 2A
File Size   78.45 Kbytes
Html View  1 
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N6621 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.



Similar Part No. - 1N6621

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6621 MICROSEMI-1N6621 Datasheet
99Kb / 2P
ULTRA FAST RECTIFIERS
1N6621 MICROSEMI-1N6621 Datasheet
335Kb / 4P
RECOVERY GLASS RECTIFIERS
1N6621 MICROSEMI-1N6621 Datasheet
325Kb / 4P
VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6621 MICROSEMI-1N6621 Datasheet
344Kb / 4P
VOIDLESS-HERMETICALLYSEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS RECTIFIERS
logo
Semtech Corporation
1N6621 SEMTECH-1N6621 Datasheet
37Kb / 3P
Axial Leaded Hermetically Sealed Ultra Fast Recovery Rectifier Diode
More results


Similar Description - 1N6621

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
30S2 NJSEMI-30S2 Datasheet
61Kb / 1P
SI RECTIFIER, 2A I(O)/I(F) S 5A
30S8 NJSEMI-30S8 Datasheet
72Kb / 1P
SI RECTIFIER, 2A < I(O)/I(F) S 5A
1N3890A NJSEMI-1N3890A Datasheet
93Kb / 1P
Fast Rectifier, 10A < I(O)/I(F) s 20A
1N3890R NJSEMI-1N3890R Datasheet
108Kb / 1P
Fast Rectifier, 10A < I(O)/I(F) s 20A
1N3882 NJSEMI-1N3882 Datasheet
103Kb / 1P
Fast Rectifier, 5A < I(O) / I(F) <10A
1N6080 NJSEMI-1N6080 Datasheet
82Kb / 1P
FAST RECTIFIERS, 2A < I(O) / I(F) < 5A
1N6081 NJSEMI-1N6081 Datasheet
84Kb / 1P
FAST RECTIFIER, 2A < I(O) / I(F) s 5A
1N6622 NJSEMI-1N6622 Datasheet
67Kb / 1P
FAST RECTIFIER, 1A < I(O) / I(F) < 2A
1N6627 NJSEMI-1N6627 Datasheet
83Kb / 1P
FAST RECTIFIER, 1A < I(O) / I(F) < 2A
1N3614 NJSEMI-1N3614 Datasheet
87Kb / 1P
Si Rectifier, 1A < I(O) / I(F) s 2A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com