Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N1850A Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

Part # 2N1850A
Description  SCR, V (DEM) = 500 V TO 599.9V
File Size   83.34 Kbytes
Html View  1 
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N1850A Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.



Similar Part No. - 2N1850A

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
2N1850A DIGITRON-2N1850A Datasheet
1Mb / 5P
SILICON CONTROLLED RECTIFIER
logo
List of Unclassifed Man...
2N1850A ETC1-2N1850A Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
More results


Similar Description - 2N1850A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151-500L PHILIPS-BT151-500L Datasheet
153Kb / 11P
SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500L NXP-BT151-500L Datasheet
161Kb / 11P
SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500R NXP-BT151-500R Datasheet
161Kb / 11P
SCR, 12 A, 15mA, 500 V, SOT78
Rev. 05-2 March 2009
logo
New Jersey Semi-Conduct...
2N1604 NJSEMI-2N1604 Datasheet
112Kb / 1P
SCR, V (DRM) = 400 V TO 499.9 V
2N1871A NJSEMI-2N1871A Datasheet
105Kb / 1P
SCR, V (DRM) = 50 V TO 99.9 V
2N2329 NJSEMI-2N2329 Datasheet
93Kb / 1P
SCR, V(DRM) = 400 V TO 499.9 V
2N2326 NJSEMI-2N2326 Datasheet
94Kb / 1P
SCR, V(DRM) = 200 V TO 299.9 V
2N2324 NJSEMI-2N2324 Datasheet
85Kb / 1P
SCR, V(DRM) = 100 V TO 199.9 V
2N2013 NJSEMI-2N2013 Datasheet
80Kb / 1P
SCR, V(DRM) = 300 V TO 399.9 V
2N4173 NJSEMI-2N4173 Datasheet
117Kb / 1P
SCR, V(DRM) = 500V TO 599.9V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com