Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR5480-F Datasheet (PDF) - Siemens Semiconductor Group

Part # LR5480-F
Description  5 mm T1 3/4 LED, Diffused Wide-Angle LED
File Size   432.48 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LR5480-F Datasheet (PDF) - Siemens Semiconductor Group



Similar Part No. - LR5480-F

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR5480-F SIEMENS-LR5480-F Datasheet
67Kb / 1P
T1 (5mm) LED LAMP
More results


Similar Description - LR5480-F

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
5 mm (T1 3/4) LED, Diffused
LR5380 SIEMENS-LR5380 Datasheet
349Kb / 7P
5 mm T1 3/4 LED, Diffused Wide-Angle LED
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LS3380 SIEMENS-LS3380 Datasheet
153Kb / 7P
3 mm T1 3/4 LED, Diffused Wide-Angle LED
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
5 mm (T1 3/4) LED, Non Diffused
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LS5469 SIEMENS-LS5469 Datasheet
361Kb / 7P
LC 5 mm T1 3/4 LED, Diffused Low Current LED
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com