Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40DR12M Datasheet (PDF) - Nell Semiconductor Co., Ltd

Part # 40DR12M
Description  Glass Passivated Standard Recovery Diodes (Stud Version), 40A
File Size   368.34 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

40DR12M Datasheet (PDF) - Nell Semiconductor Co., Ltd



Similar Part No. - 40DR12M

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
40DR12 NELLSEMI-40DR12 Datasheet
197Kb / 7P
Glass Passivated Standard Recovery Diodes
More results


Similar Description - 40DR12M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
200HF IRF-200HF Datasheet
180Kb / 6P
STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
STANDARD RECOVERY DIODES Stud Version
SD600N IRF-SD600N Datasheet
264Kb / 8P
STANDARD RECOVERY DIODES Stud Version
logo
Nell Semiconductor Co.,...
12DR12M NELLSEMI-12DR12M Datasheet
182Kb / 5P
Glass Passivated Standard Recovery Diodes (Stud Version), 12A
16DR12M NELLSEMI-16DR12M Datasheet
185Kb / 5P
Glass Passivated Standard Recovery Diodes (Stud Version), 16A
25DR12M NELLSEMI-25DR12M Datasheet
540Kb / 5P
Glass Passivated Standard Recovery Diodes (Stud Version), 25A
40FDR06A NELLSEMI-40FDR06A Datasheet
703Kb / 6P
Fast Recovery Diodes (Stud Version), 40A
85DR12M NELLSEMI-85DR12M Datasheet
576Kb / 6P
Glass Passivated Standard Recovery Diodes (Stud Version), 85A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com