Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

028-1-11 Datasheet (PDF) - Vishay Siliconix

Part # 028-1-11
Description  28 mm Diameter Twenty-One Turn Dial
File Size   67.55 Kbytes
Html View  1   2 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

028-1-11 Datasheet (PDF) - Vishay Siliconix



Similar Part No. - 028-1-11

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
028-000 WAGO-028-000 Datasheet
388Kb / 7P
SMD PCB terminal block; push-button; 0.75 mm²
23.05.2020
028-004 WAGO-028-004 Datasheet
388Kb / 7P
SMD PCB terminal block; push-button; 0.75 mm²
23.05.2020
More results


Similar Description - 028-1-11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18A11B10 VISHAY-18A11B10 Datasheet
158Kb / 2P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
09-Nov-06
21PA11B10 VISHAY-21PA11B10 Datasheet
229Kb / 2P
46.0 mm Diameter Eleven Turn Dial
23-Jan-07
21P VISHAY-21P Datasheet
93Kb / 2P
46.0 mm Diameter Eleven Turn Dial
10-Jul-12
logo
TT Electronics.
2126 TTELEC-2126 Datasheet
402Kb / 1P
Turn Counting Dial
2600 TTELEC-2600 Datasheet
486Kb / 2P
Turn Counting Dial
2640 TTELEC-2640 Datasheet
500Kb / 2P
Turn Counting Dial
2694 TTELEC-2694 Datasheet
371Kb / 1P
Turn Counting Dial
logo
Vishay Siliconix
11 VISHAY-11 Datasheet
82Kb / 2P
25.4 mm Diameter Eleven Turn Dial
01-Apr-2021
18 VISHAY-18 Datasheet
75Kb / 3P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
01-Apr-2021
21 VISHAY-21 Datasheet
90Kb / 2P
46.02 mm Diameter 15 Turn Dial
01-Apr-2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com