Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XBD Datasheet (PDF) - Marktech Corporate

Part # XBD
Description  80-min CRI White and 70-min CRI Cool White
File Size   582.06 Kbytes
Html View  1   2 
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

XBD Datasheet (PDF) - Marktech Corporate



Similar Part No. - XBD

ManufacturerPart #DatasheetDescription
logo
Cree LED
XBD CREELED-XBD Datasheet
3Mb / 44P
XLamp® XB-D LEDs
REV 18
logo
Marktech Corporate
XBD-WHITE MARKTECH-XBD-WHITE Datasheet
583Kb / 2P
Cree XBD Series on Board
XBD-WHITE MARKTECH-XBD-WHITE_15 Datasheet
583Kb / 2P
Cree XBD Series on Board
logo
Cree, Inc
XBDAMB-00-0000-000000501 CREE-XBDAMB-00-0000-000000501 Datasheet
1Mb / 17P
XLAMP XB-D LEDS
Rev 8A
XBDAMB-00-0000-000000501 CREE-XBDAMB-00-0000-000000501 Datasheet
1Mb / 18P
XLAMP XB-D LEDS
Rev 9A
More results


Similar Description - XBD

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
C9WT821 SEOUL-C9WT821 Datasheet
1Mb / 16P
White & Warm colored SMT package High CRI PKG
logo
Cree, Inc
CLN6A-WKW CREE-CLN6A-WKW Datasheet
672Kb / 12P
COOL AND WARM WHITE LED
logo
Everlight Electronics C...
EHP-B05MLG EVERLIGHT-EHP-B05MLG Datasheet
1Mb / 26P
CRI 75 White LED
logo
Cree, Inc
MLCAWT-A1-0000-000051 CREE-MLCAWT-A1-0000-000051 Datasheet
1Mb / 20P
Available in white (2600 K to 8300 K CCT), 80-, 85- and 90- CRI minimum and royal blue
Rev 3
logo
Seoul Semiconductor
STW9C2SB SEOUL-STW9C2SB Datasheet
1Mb / 31P
High Color Quality with CRI Min.90
SAW8A32E SEOUL-SAW8A32E Datasheet
1Mb / 31P
High Color Quality, CRI Min. 80
SAW8C22B-IZ SEOUL-SAW8C22B-IZ Datasheet
1Mb / 31P
High Color Quality with CRI Min.80(R9>0)
logo
Cree, Inc
XPG3 CREE-XPG3 Datasheet
2Mb / 33P
Available in outdoor white and 70-, 80- and 90-CRI white
Rev 0E
logo
OSA Opto Light GmbH
OCL-400SW OSA-OCL-400SW Datasheet
238Kb / 7P
White ??high CRI
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com