Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9164 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE9164
Description  75 Ohm F Female to F Female Adapter
File Size   233.34 Kbytes
Html View  1   2 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9164 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE9164

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9160 PASTERNACK-PE9160 Datasheet
237Kb / 2P
Push-On 75 Ohm F Male to F Female Adapter
PE9163 PASTERNACK-PE9163 Datasheet
235Kb / 2P
75 Ohm F Female to RCA Plug Adapter
PE9165 PASTERNACK-PE9165 Datasheet
102Kb / 1P
F FEMALE TO UHF MALE
PE9166 PASTERNACK-PE9166 Datasheet
245Kb / 3P
75 Ohm F Male to F Female Right Angle Adapter
PE9167 PASTERNACK-PE9167 Datasheet
243Kb / 2P
50 Ohm UHF Female to 75 Ohm F Female Adapter
More results


Similar Description - PE9164

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9167 PASTERNACK-PE9167 Datasheet
243Kb / 2P
50 Ohm UHF Female to 75 Ohm F Female Adapter
PE9734 PASTERNACK-PE9734 Datasheet
245Kb / 3P
75 Ohm F Female to F Female Bulkhead Adapter
PE9740 PASTERNACK-PE9740 Datasheet
245Kb / 3P
Precision 75 Ohm N Female to F Female Adapter
PE9744 PASTERNACK-PE9744 Datasheet
240Kb / 2P
Precision 75 Ohm F Female to BNC Female Adapter
PE9759 PASTERNACK-PE9759 Datasheet
245Kb / 2P
Precision 75 Ohm F Male to F Female Adapter
PE91002 PASTERNACK-PE91002 Datasheet
233Kb / 2P
50 Ohm SMA Female to 75 Ohm F Female Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE91082 PASTERNACK-PE91082 Datasheet
243Kb / 3P
75 Ohm TNC Female to F Female Adapter
PE91349 PASTERNACK-PE91349 Datasheet
336Kb / 3P
Precision 75 Ohm F Female to F Female Adapter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com