Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9734 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9734 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9734
Download  PE9734 Download
File Size   245.76 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm F Female to F Female Bulkhead Adapter

PE9734 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9734 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9734
Download  PE9734 Click to download

File Size   245.76 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm F Female to F Female Bulkhead Adapter

PE9734 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9734 Product details

75 Ohm F Female to F Female Bulkhead Adapter



75 Ohm F Female to F Female Bulkhead Adapter from Pasternack Enterprises has same day shipment for domestic and

International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest

selection in the industry.



Configuration

Connector 1                             F Female

Impedance 1                            75 Ohms

Connector 2                            F Female

Impedance 2                           75 Ohms

Adapter Design                        Standard

Body Style                              Straight

Mount Method                        Bulkhead




Similar Part No. - PE9734

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9730 PASTERNACK-PE9730 Datasheet
243Kb / 2P
N Male to Reverse Polarity TNC Female Adapter
PE9731 PASTERNACK-PE9731 Datasheet
242Kb / 2P
N Female to Reverse Polarity TNC Male Adapter
PE9732 PASTERNACK-PE9732 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to N Female Adapter
PE9733 PASTERNACK-PE9733 Datasheet
242Kb / 2P
Reverse Polarity SMA Female to N Male Adapter
PE9735 PASTERNACK-PE9735 Datasheet
107Kb / 1P
75 OHM SMB JACK TO MINI 75 OHM SMB PLUG
More results


Similar Description - PE9734

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9164 PASTERNACK-PE9164 Datasheet
233Kb / 2P
75 Ohm F Female to F Female Adapter
PE9167 PASTERNACK-PE9167 Datasheet
243Kb / 2P
50 Ohm UHF Female to 75 Ohm F Female Adapter
PE9740 PASTERNACK-PE9740 Datasheet
245Kb / 3P
Precision 75 Ohm N Female to F Female Adapter
PE9759 PASTERNACK-PE9759 Datasheet
245Kb / 2P
Precision 75 Ohm F Male to F Female Adapter
PE91002 PASTERNACK-PE91002 Datasheet
233Kb / 2P
50 Ohm SMA Female to 75 Ohm F Female Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE91324 PASTERNACK-PE91324 Datasheet
333Kb / 3P
50 Ohm BNC Female to 75 Ohm F Female Bulkhead Adapter
PE91082 PASTERNACK-PE91082 Datasheet
243Kb / 3P
75 Ohm TNC Female to F Female Adapter
PE91349 PASTERNACK-PE91349 Datasheet
336Kb / 3P
Precision 75 Ohm F Female to F Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com