Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9733 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9733 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9733
Download  PE9733 Download
File Size   242.84 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Reverse Polarity SMA Female to N Male Adapter

PE9733 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9733 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9733
Download  PE9733 Click to download

File Size   242.84 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Reverse Polarity SMA Female to N Male Adapter

PE9733 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9733 Product details

Description
Pasternack’s PE9733 reverse polarity SMA female to type N male adapter is part of our full line of RF components available for same-day shipping. The SMA connector mates mechanically with commercially available 3.5mm and 2.92mm (K) connectors. Our reverse polarity SMA to type N adapter has a female to male gender configuration. PE9733 reverse polarity SMA female to type N male adapter operates to 11 GHz. The Pasternack RF adapter provides excellent VSWR of 1.25:1 maximum.

Configuration
• SMA Female Reverse Polarity Connector 1
• N Male Connector 2
• 50 Ohms
• Straight Body Geometry

Features
• Max VSWR of 1.25:1 up to 11 GHz
• SMA Interface compliant with MIL-STD-348
• N Interface compliant with MIL-STD-348
• Gold Plated Contact
• Contact Plating per MIL-G-45204

Applications
• Allows Connection Between Series
• General Purpose Test




Similar Part No. - PE9733

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9730 PASTERNACK-PE9730 Datasheet
243Kb / 2P
N Male to Reverse Polarity TNC Female Adapter
PE9731 PASTERNACK-PE9731 Datasheet
242Kb / 2P
N Female to Reverse Polarity TNC Male Adapter
PE9732 PASTERNACK-PE9732 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to N Female Adapter
PE9734 PASTERNACK-PE9734 Datasheet
245Kb / 3P
75 Ohm F Female to F Female Bulkhead Adapter
PE9735 PASTERNACK-PE9735 Datasheet
107Kb / 1P
75 OHM SMB JACK TO MINI 75 OHM SMB PLUG
More results


Similar Description - PE9733

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9533 PASTERNACK-PE9533 Datasheet
244Kb / 2P
SMA Female to Reverse Polarity SMA Male Adapter
PE9592 PASTERNACK-PE9592 Datasheet
254Kb / 2P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE9604 PASTERNACK-PE9604 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to Reverse Polarity TNC Female Adapter
PE9607 PASTERNACK-PE9607 Datasheet
255Kb / 2P
Reverse Polarity SMA Female to Reverse Polarity TNC Male Adapter
PE9732 PASTERNACK-PE9732 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to N Female Adapter
PE9534 PASTERNACK-PE9534 Datasheet
244Kb / 2P
SMA Male to Reverse Polarity SMA Female Adapter
PE91268 PASTERNACK-PE91268 Datasheet
348Kb / 3P
QD Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
PE91330 PASTERNACK-PE91330 Datasheet
599Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity SMA Male Adapter
PE91331 PASTERNACK-PE91331 Datasheet
600Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
PE91334 PASTERNACK-PE91334 Datasheet
607Kb / 3P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com