Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9730 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9730 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9730
Download  PE9730 Download
File Size   243.58 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N Male to Reverse Polarity TNC Female Adapter

PE9730 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9730 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9730
Download  PE9730 Click to download

File Size   243.58 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N Male to Reverse Polarity TNC Female Adapter

PE9730 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9730 Product details

N Male to Reverse Polarity TNC Female Adapter

Configuration
    Connector 1 N Male
    Impedance 1 50 Ohms
    Connector 2 TNC Female Reverse Polarity
    Impedance 2 50 Ohms
    Adapter Design Standard
    Body Style Straight




Similar Part No. - PE9730

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9731 PASTERNACK-PE9731 Datasheet
242Kb / 2P
N Female to Reverse Polarity TNC Male Adapter
PE9732 PASTERNACK-PE9732 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to N Female Adapter
PE9733 PASTERNACK-PE9733 Datasheet
242Kb / 2P
Reverse Polarity SMA Female to N Male Adapter
PE9734 PASTERNACK-PE9734 Datasheet
245Kb / 3P
75 Ohm F Female to F Female Bulkhead Adapter
PE9735 PASTERNACK-PE9735 Datasheet
107Kb / 1P
75 OHM SMB JACK TO MINI 75 OHM SMB PLUG
More results


Similar Description - PE9730

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9531 PASTERNACK-PE9531 Datasheet
247Kb / 2P
TNC Female to Reverse Polarity TNC Male Adapter
PE9532 PASTERNACK-PE9532 Datasheet
240Kb / 2P
TNC Male to Reverse Polarity TNC Female Adapter
PE9596 PASTERNACK-PE9596 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to TNC Female Adapter
PE9598 PASTERNACK-PE9598 Datasheet
254Kb / 2P
Reverse Polarity SMA Female to TNC Male Adapter
PE9602 PASTERNACK-PE9602 Datasheet
248Kb / 2P
SMA Female to Reverse Polarity TNC Male Adapter
PE9604 PASTERNACK-PE9604 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to Reverse Polarity TNC Female Adapter
PE9607 PASTERNACK-PE9607 Datasheet
255Kb / 2P
Reverse Polarity SMA Female to Reverse Polarity TNC Male Adapter
PE9731 PASTERNACK-PE9731 Datasheet
242Kb / 2P
N Female to Reverse Polarity TNC Male Adapter
PE9918 PASTERNACK-PE9918 Datasheet
251Kb / 3P
Precision Reverse Polarity TNC Male to Reverse Polarity TNC Female Right Angle Adapter
PE91087 PASTERNACK-PE91087 Datasheet
362Kb / 4P
Reverse Polarity TNC Female to BNC Male Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com